Part Number Hot Search : 
AAT1103A F1608 AKD43 KE250 KLL5818 DEVICES DTA113 BUX50X
Product Description
Full Text Search
 

To Download FSA20307 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Click here for this datasheet translated into Chinese!
FSA203 -- Multimedia High-Speed USB, Video, and Negative Swing Audio Switch with Video Amp/Filter
June 2007
FSA203 -- Multimedia High-Speed USB, Video, and Negative Swing Audio Switch with Video Amp/Filter
Features
USB: 3.5 Typical On Resistance Video/Mic: 3 Typical On Resistance Audio: 3.5 Typical On Resistance USB: -3db Bandwidth at 0pF > 745MHz Video: -3db Bandwidth > 615MHz Video: 1.0db Flatness > 6MHz Low-Power Shutdown Mode: 1A Maximum Power-Off Protection on Common D+/R, D-/L, Video/Microphone Ports Packaged in Pb-free 20-Lead DQFN and 2.5 x 4.5mm 20-Pin TSSOP
Description
The FSA203 is a multimedia device that includes a Double-Pole, Double Throw (DPDT) USB / audio multiplexer, a video/microphone switch, and a video amplifier / filter path. The DPDT path combines a lowdistortion audio and a USB2.0 switch path. This configuration enables audio and USB data to share a common connector port. The architecture is designed such that audio signals are allowed to swing below ground, enabling the use of a common USB and headphone connector for personal media players and similar portable peripheral devices. The FSA203 includes a power-off feature to minimize current consumption when Vav or Vbus is not present. This power-off circuitry is available for the common D+/R, D-/L ports only. Typical applications involve switching in portables and consumer applications, such as cell phones, digital cameras, and notebooks with hubs or controllers.
Applications
Cell Phone, PDA, Digital Camera, and Notebook LCD Monitor, TV, and Set-Top Box
IMPORTANT NOTE:
For additional performance information, please contact analogswitch@fairchildsemi.com.
Ordering Information
Part Number
FSA203BQX FSA203MTCX
Top Mark
203 FSA203
Pb-Free
Yes Yes
Packing Description
20-Lead Depopulated very thin Quad Flat-pack No leads (DQFN) JEDEC MO-241, 2.5 x 4.5mm 20-Lead Thin Shrink Small Outline Package (TSSOP) JEDEC MO-153, 4.4mm wide
Diagrams
Video In
LP Filter 8MHz, 5th Order
Video Out
GSel Vbus Vav Control Block
S0+Shdn Shdn VidEn S0:S1
To ASIC Video In
VidOut
VidMic
S1+Shdn
To Mic Amp In
MicOut
D+ Audio R DAudio L D-/ L GND D+/ R
Figure 1. Functional Block Diagram
(c) 2007 Fairchild Semiconductor Corporation FSA203 Rev. 1.0.2
Figure 2.
Typical Application Diagram
www.fairchildsemi.com
FSA203 -- Multimedia High-Speed USB, Video, and Negative Swing Audio Switch with Video Amp / Filter
Y--
www.fairchildsemi.com
(c) 2007 Fairchild Semiconductor Corporation FSA203 Rev. 1.0.2
19


▲Up To Search▲   

 
Price & Availability of FSA20307

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X